Part Number Hot Search : 
SR5000 001000 OVM4R 103K1000 B060007 48S15 L1302 PT8A990A
Product Description
Full Text Search
 

To Download CRL1206-FW-5R10ELF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  asia-pacific: tel +886-2 25624117 fax +886-2 25624116 europe: tel +41-41 7685555 fax +41-41 7685510 the americas: tel +1-951 781-5500 fax +1-951 781-5700 www.bourns.com *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. crl series - low value chip resistors electrical characteristics features lead free rohs compliant* values from 0.01 to 9.10 ohms tolerance of 1 % or 5 % five package sizes available tape and reel packaging characteristic model model model model model crl0603 crl0805 crl1206 crl2010 crl2512 power rating @ 70 ? 0.100 watt 0.125 watt 0.250 watt 0.50 watt 1.00 watt operating temperature range -55 to +125 ? derated to zero load at +125 ? maximum working voltage (pr) 1/2 (pr) 1/2 (pr) 1/2 (pr) 1/2 (pr) 1/2 resistance range (see value table): 0.100 to 9.10 ? 0.050 to 9.10 ? 0.010 to 9.10 ? 0.010 to 9.10 ? 0.010 to 9.10 ? temperature coefficient 0.050 ? to 9.10 ? ?00 ppm/? 0.030 ? to 0.040 ? ?00 ppm/? 0.010 ? to 0.020 ? ?00 ppm/? environmental characteristics description method limit short time overload 2.5 x (pr) 1/2 for 5 seconds. 1 % tolerance: ? r ?1 % + 0.001 ? ) (iec 115-1 4.13) 5 % tolerance: ? r ?2 % + 0.001 ? ) load life (pr) 1/2 for 1000 hours; 1.5 hours on; 0.5 hours off. 1 % tolerance: ? r ?1 % + 0.001 ? ) (iec 115-1 4.25.1) 5 % tolerance: ? r ?2 % + 0.001 ? ) resistance to 260 ? for 10 seconds. 1 % tolerance: ? r ?0.5 % + 0.001 ? ) soldering heat (iec 115-1 4.18) 5 % tolerance: ? r ?1 % + 0.001 ? ) thermal shock 5 cycles from -55 ? to +125 ?, 30 minutes at temperature. 1 % tolerance: ? r ?0.5 % + 0.001 ? ) (iec 115-1 4.19) 5 % tolerance: ? r ?1 % + 0.001 ? ) how to order crl 0603 - f w - r120 e lf model (crl = chip resistor low value) size 0603 0805 1206 2010 2512 resistance tolerance f = ?% j = ?% tcr (ppm/?) w = ?00 (0.050 to 9.10 ? ) v = ?00 (0.030 to 0.040 ? ) u = ?00 (0.010 to 0.020 ? ) resistance value (1 % or 5 %) r stands for decimal point. three significant digits: (r120 = 0.12 ? ; 9r10 = 9.10 ? ) packaging crl0603, crl0805, crl1206: e = paper tape, plastic reel, 5,000 pcs. crl2010, crl2512: e = embossed plastic tape, plastic reel, 4,000 pcs. termination lf = tin-plated (lead free) *rohs compliant for standard values used in capacitors, inductors, and resistors, click here.
crl series - low value chip resistors specifications are subject to change without notice. customers should verify actual device performance in their specific applications. value table p = popular value a = available value (may have greater minimum order quantity) value crl0603 crl0603 crl0805 crl0805 crl1206 crl1206 crl2010 crl2010 crl2512 crl2512 (ohms) 1 % 5 % 1 % 5 % 1 % 5 % 1 % 5 % 1 % 5 % 0.01 not available not available not available not available not available not available not available not available p p 0.02 not available not available not available not available a a p p p p 0.03 not available not available not available not available a a p p p p 0.04 not available not available not available not available a a p p p p 0.05 not available not available a a a a p p p p 0.06 not available not available a a a a a a a a 0.07 not available not available a a a a a a a a 0.08 not available not available a a a a a a a a 0.09 not available not available a a a a a a a a 0.10 p p p p p p p p p p 0.12 a a a a a a a a a a 0.15 a a a a a a p p p p 0.16 a a a a a a a a a a 0.18 a a a a a a a a a a 0.20 p p p p p p a a a a 0.22 p p p p p p p p p p 0.24 a a a a a a a a a a 0.27 a a a a a a a a a a 0.30 a a a a a a a a a a 0.33 a a a a a a p p p p 0.39 a a a a a a p p p p 0.43 a a a a a a a a a a 0.47 p p p p p p p p p p 0.51 a a a a a a a a a a 0.56 a a a a a a p p p p 0.68 a a a a a a p p p p 0.75 a a a a a a p p p p 0.82 a a a a a a p p p p 0.91 a a a a a a a a a a 1.00 p use cr0603, 5% p use cr0805, 5% p use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 1.10 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 1.20 p use cr0603, 5% p use cr0805, 5% p use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 1.30 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 1.50 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 1.60 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 1.80 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 2.00 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 2.20 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 2.40 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 2.70 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 3.00 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 3.30 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 3.60 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 3.90 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 4.30 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 4.70 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 5.10 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 5.60 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 6.20 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 6.80 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 7.50 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 8.20 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5% 9.10 a use cr0603, 5% a use cr0805, 5% a use cr1206, 5% a use cr2010, 5% a use cr2512, 5%
crl series - low value chip resistors specifications are subject to change without notice. customers should verify actual device performance in their specific applications. dimensional drawing dimensions are: mm (inches) g l h i 2 i 2 w i 1 i 1 chip dimensions dimension model model model model model crl0603 crl0805 crl1206 crl2010 crl2512 l 1.60 0.10 2.00 0.15 3.20 0.15 5.00 0.20 6.30 0.20 (0.063 0.004) (0.079 0.006) (0.126 0.006) (0.197 0.008) (0.248 0.008) w 0.80 0.10 1.25 0.10 1.60 0.15 2.50 0.20 3.10 0.20 (0.031 0.004) (0.049 0.004) (0.063 0.006) (0.098 0.008) (0.122 0.008) h 0.45 0.10 0.50 0.10 0.60 0.10 0.60 0.10 0.60 0.10 (0.018 0.004) (0.020 0.004) (0.024 0.004) (0.024 0.004) (0.024 0.004) i 1 0.30 0.20 0.40 0.20 0.50 0.25 0.60 0.25 0.60 0.25 (0.012 0.008) (0.016 0.008) (0.020 0.010) (0.024 0.010) (0.024 0.010) i 2 0.30 0.20 0.40 0.20 0.50 0.25 0.60 0.25 0.60 0.20 (0.012 0.008) (0.016 0.008) (0.020 0.010) (0.024 0.010) (0.024 0.008) derating curve 100 80 60 40 20 0 rated power in percentage (%) -55 0 70 125 (c) ambient temperature
crl series - low value chip resistors packaging dimensions - tape 1.5 +0.1/-0 (.056 + .004/-0) 1.75 0.1 (.059 .004) a 4.0 0.1 (.157 .004) 2.0 0.05 (.079 .002) b w f p 0 d 2.0 0.5 (.080 .020) t n 178.0 2.0 (7.008 .080) 13.0 0.5 (0.512 .020) dimensions are: mm (inches) specifications are subject to change without notice. customers should verify actual device performance in their specific applications. dimension model model model model model crl0603 crl0805 crl1206 crl2010 crl2512 a 1.10 0.10 1.65 +0.20 / -0.10 1.95 +0.10 / -0.05 2.80 0.20 3.50 0.20 (0.043 0.004) (0.065 +0.008 / -.004) (0.077 +0.004 / -.002) (0.110 0.008) (0.138 0.008) b 1.90 0.10 2.40 +0.20 / -0.10 3.50 0.10 5.50 0.20 6.70 0.20 (0.075 0.004) (0.094 +0.008 / -.004) (0.138 0.004) (0.217 0.008) (0.264 0.008) w 8.00 0.20 8.00 0.20 8.00 0.20 12.0 0.30 12.00 0.30 (0.315 0.008) (0.315 0.008) (0.315 0.008) (0.472 0.012) (0.472 0.012) f 3.50 0.05 3.50 0.05 3.50 0.05 5.50 0.05 5.50 0.05 (0.138 0.002) (0.138 0.002) (0.138 0.002) (0.217 0.002) (0.217 0.002) p 0 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 (0.157 0.004) (0.157 0.004) (0.157 0.004) (0.157 0.004) (0.157 0.004) packaging dimensions - reel dimension model model model model model crl0603 crl0805 crl1206 crl2010 crl2512 n 80.00 1.00 80.00 1.00 80.00 1.00 80.00 0.20 80.00 0.20 (3.150 0.040) (3.150 0.040) (3.150 0.040) (3.150 0.008) (3.150 0.008) d 20.50 20.50 20.50 20.00 min. 20.00 min. (0.807) (0.807) (0.807) (0.787) (0.787) t 10.00 1.50 10.00 1.50 10.00 1.50 16.70 max. 16.70 max. (0.394 0.059) (0.394 0.059) (0.394 0.059) (0.657) . (0.657) rev. 11/06


▲Up To Search▲   

 
Price & Availability of CRL1206-FW-5R10ELF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X